Part Number Hot Search : 
133BGC FN4090 7E183 02201 BA6301 1N1397 24S12 A1103
Product Description
Full Text Search
 

To Download SR731ETTCM1R00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR73
resistors
lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor
EU
features * * * * RuO2 thick film resistor element Anti-leaching nickel barrier terminations Meets or exceeds EIA 575, EIA PDP-100, MIL-R-55342F Marking: Three or four digits on indigo protective coat, 1E size: no marking, 1H: no marking, black protective coat * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
Type
(Inch Size Code)
dimensions and construction
NEW
c L c
L
Dimensions inches (mm) W c d
t
1H (0201) 1E (0402) 1J (0603) 2A (0805) 2B (1206) 2E (1210) 2H (2010) W2H (2010) 3A (2512) W3A (2512)
.024.001 .012.001 .004.002 .006.002 .009.001 (0.60.03) (0.30.03) (0.10.05) (0.150.05) (0.230.03) .039 (1.0
+.004 -.002 +0.1 ) -0.05
W Solder Plating t d Protective Coating Resistive Inner Film Electrode Ni Plating
.02 (0.5
+.004 -.002 +0.1 ) -0.05 +.006 -.004 +0.15 ) -0.1
.01.004 (0.250.1)
.01.004 .014.002 (0.250.1) (0.350.05)
.063.008 (1.60.2)
.031 (0.8
.014.004 .014.004 .018.004 (0.350.1) (0.350.1) (0.450.1) .012 (0.3
+.008 -.004 +0.2 ) -0.1
Ceramic Substrate
.079.008 .049.004 .016.008 (2.00.2) (1.250.1) (0.40.2) .063.008 .126.008 (1.60.2) (3.20.2) .102.008 (2.60.2) .197.008 .098.008 (5.00.2) (2.50.2)
.02.004 (0.50.1)
.016 (0.4
+.008 -.004 +0.2 ) -0.1
.02.012 (0.50.3)
.026.006 .024.004 (0.650.15) (0.60.1) .016 (0.4
+.008 -.004 +0.2 ) -0.1
.248.008 .122.008 (6.30.2) (3.10.2)
.026.006 (0.650.15)
ordering information
New Part # SR73 Type 2B Size 1H 1E 1J 2A 2B 2E 2H 3A W2H W3A T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) G: Au (2A: 0.1 10 - contact factory) TD Packaging
TCM: 0201 only: 7" 2mm pitch pressed paper TPL:0402 only: 2mm pitch punch paper TP: 0402, 0603, 0805: 7" 2mm pitch punch paper TD: 0603, 0805, 1206, 1210: 7" 2mm pitch punched paper TDD: 0603, 0805, 1206, 1210: 10" paper tape TE: 0805, 1206, 1210, 2010 & 2512: 7" punched plastic TED: 0805, 1206, 1210, 2010 & 2512: 10" punched plastic For further information on packaging, please refer to Appendix A
1R00 Nominal Resistance 2%, 5%: 2 significant figures + 1 multiplier "R" indicates decimal on value <10 1%: 3 significant figures + 1 multiplier "R" indicates decimal on value <100 All values less than 0.1 (100m) are expressed in m with "L" as decimal Example: 20m = 20L0
F Tolerance D: 0.5% F: 1% G: 2% J: 5%
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
32
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
SR73
lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor applications and ratings
Part Designation* NEW SR731H (0201) SR731E (0402) SR731J (0603) SR732A (0805) SR732B (1206) SR732E (1210) SR732H/W2H (2010) SR733A/W3A (2512) Power Rating @ 70C 0.1W 1/8W (.125W) 1/6W (.166W1) 1/5W (.2W) 1/4W (.25W) 1/3W (.33W1) 1/3W (.33W) 1/2W (.5W1) 1/2W (.5W) 2/3W (.66W1) 3/4W (.75W) 1W T.C.R. (ppm/C) Max.
0~ 400 200 300 500 200 100 200 500 800 100 200 500 800 100 200 500 1000 100 200 500 800 100 200 500 800
Resistance Range** E-24, E-96 E-24, E-96 (D0.5%) (F1%)
-- -- -- -- -- 0.15 - 10 -- -- -- 0.15 - 10 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 1 - 10 0.51 - 10*** 0.2 - 0.47*** 0.1 - 0.18*** 0.1 - 10 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- --
E-24 (G2%)
-- 0.51 - 10 0.2 - 0.47 0.1 - 0.18 0.1 - 10 -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- -- -- 0.1 - 10 -- --
E-24 (J5%)
0.47 - 10 0.51 - 10 0.2 - 0.47 0.1 - 0.18 0.1 - 10 -- 0.1 - 10 0.051 - 0.091 0.030 - 0.047 -- 0.1 - 10 0.056 - 0.091 0.030 - 0.051 -- 0.047 - 10 0.036 - 0.043 0.024 - 0.033 -- 0.1 - 10 0.056 - 0.091 0.033 - 0.051 -- 0.1 - 10 0.056 - 0.091 0.039 - 0.051
Absolute Maximum Working Voltage 1.0V 1.11V 1.41V 1.58V 1.81V 2.23V 2.73V 3.16V
Maximum Overload Voltage (5 Secs. Max.) 2.5V 2.79V 3.53V 3.95V 4.54V 5.59V 6.84V 7.90V
Operating Temperature Range -55C to +125C
-55C to +150C
* Parenthesis indicate EIA package size codes. ** See Appendix D for available decade values. 1 Please contact factory for limitation of Surface Mount Temp. Rise
*** 1H, 1E (F: 1%) E-24 values only.
environmental applications Derating Curve
100 80 % Rated Power 60
1H 1E, 1J, 2A, 2B, 2E, 2H, 3A, W2H, W3A
Surface Temperature Rise
180 160 Temperature Rise (C) 140 120 100 80 60 40 20 0
W2H (.75W) 2E (.66W) 2B (.5W) 2A (.33W) 2E (.5W) 2B (.33W) 2A (.25W) 1E (.166W) 1J (.2W) 1H (.1W) 1E (.125W) W3A (1W)
40 20 0 -60 -40 -20 -55
Measuring Point
0
80 100 120 140 160 70 125 150 Ambient Temperature (C)
20
40
60
0
25
50
75
100
% Rated Power
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure * 1H ** 1E~W3A
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/16/08
Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 2% 0.5% 3%*, 1%** 0.75%*, 0.3%** 1% 0.3% 3%*, 2%** 1% 3%*, 2%** 1% 1% 0.3%
Test Method 25C +25C/-55C and +25C/+125C Rated Voltage x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -40C (30 minutes), +125C (30 minutes), 100 cycles 40C 2C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 1H: +125C, 1000 hours; 1E, 1J, 2A, 2B, 2E, W2H, W3A:+155C, 1000 hours
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
33
resistors


▲Up To Search▲   

 
Price & Availability of SR731ETTCM1R00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X